Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 289 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 289 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 285Page - STMicroelectronics ST92F120 Datasheet HTML 286Page - STMicroelectronics ST92F120 Datasheet HTML 287Page - STMicroelectronics ST92F120 Datasheet HTML 288Page - STMicroelectronics ST92F120 Datasheet HTML 289Page - STMicroelectronics ST92F120 Datasheet HTML 290Page - STMicroelectronics ST92F120 Datasheet HTML 291Page - STMicroelectronics ST92F120 Datasheet HTML 292Page - STMicroelectronics ST92F120 Datasheet HTML 293Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 324 page
background image
289/324
ST92F120 - ELECTRICAL CHARACTERISTICS
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production. Hysteresis voltage between switching levels: characterization results - not tested.
(2) Hysteresis voltage between switching levels: characterization results - not tested.
(3) For a description of the EMR1 Register - BSZ bit refer to the External Memory Interface Chapter.
(4) Not 100% tested, guaranteed by design characterisation. The absolute sum of input overload currents on all port pins may no t exceed
100 mA.
(5) Indicative values extracted from Design simulation.
VHYS
Input Hysteresis (2)
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4] P3[2:1]-
P4[4:3]-P4[1:0] P5[7:4]-P5[2:0]-
P6[3:0] P7[7:0]-P8[7:0]-P9[7:0]
600
mV
Input Hysteresis (2)
Special Schmitt Trigger
P4[7:6]
800
mV
Input Hysteresis (2)
High Hyst. Schmitt Trigger
P6[5:4]
900
mV
VOH
Output High Level
P0[7:0]-P6[5:4]
AS-DS-RW
Push Pull, IOH= – 2mA
EMR1 Register - BSZ bit = 0 (3)
VDD – 0.8
V
Push Pull, IOH= – 8mA
EMR1 Register - BSZ bit = 1 (3)
VDD – 0.8
V
Output High Level
P1[7:0]-P2[7:4]-P2[1:0] P3[7:1]-
P4[5:0]-P5[7:0]-P6[3:0]-P7[7:0]-
P8[7:0] P9[7:0]-VPWO
Push Pull, IOH= – 2mA
EMR1 Register - BSZ bit = 0 (3)
VDD – 0.8
V
Push Pull, IOH= – 4mA
EMR1 Register - BSZ bit = 1 (3)
VDD – 0.8
V
VOL
Output Low Level
P0[7:0]-P2[3:2]-P4[7:6] P6[5:4]-
AS-DS-RW
Push Pull / Open Drain, IOL=2mA
EMR1 Register - BSZ bit = 0 (3)
0.4
V
Push Pull / Open Drain, IOL=8mA,
EMR1 Register - BSZ bit = 1 (3)
0.4
V
Output Low Level
P1[7:0]-P2[7:4]-P2[1:0] P3[7:1]-
P4[5:0]-P5[7:0]
P6[3:0]-P7[7:0]-P8[7:0] P9[7:0]-
VPWO
Push Pull / Open Drain, IOL=2mA,
EMR1 Register - BSZ bit = 0 (3)
0.4
V
Push Pull / Open Drain, IOL=4mA,
EMR1 Register - BSZ bit = 1 (3)
0.4
V
RWPU
Weak Pull-up Current
P2[7:4]-P2[1:0]-P3[7:1]
P4.5-P4[3:1]-P5.3-P6[3:0]
P7[7:0] P8[7:0]-P9[7:0]
Bidirectional Weak Pull-up
VOL = 0V
30
100
400
µA
Weak Pull-up Current
P6[5:4]-AS-DS
Bidirectional Weak Pull-up
VOL = 0V
100
200
450
µA
ILKIO
I/O Pin Input Leakage
Input/Tri-State,
0V < VIN < VDD
– 1
+ 1
µA
ILKIOD
I/O Pin Open Drain Input Leakage
Input/Tri-State,
0V < VIN < VDD
– 1
+ 1
µA
ILKA/D
A/D Conv. Input Leakage
– 1
+ 1
µA
IOV
Overload Current
(4)
5
mA
SRR
Slew Rate Rise
(5)
70
mA/ns
SRF
Slew Rate Fall
(5)
70
mA/ns
Symbol
Parameter
Comment
Value
Unit
Min
Typ(1)
Max
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com