Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 50 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 46Page - STMicroelectronics ISM330DLC Datasheet HTML 47Page - STMicroelectronics ISM330DLC Datasheet HTML 48Page - STMicroelectronics ISM330DLC Datasheet HTML 49Page - STMicroelectronics ISM330DLC Datasheet HTML 50Page - STMicroelectronics ISM330DLC Datasheet HTML 51Page - STMicroelectronics ISM330DLC Datasheet HTML 52Page - STMicroelectronics ISM330DLC Datasheet HTML 53Page - STMicroelectronics ISM330DLC Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on VDDIO.
Note:
The procedure to disable the pull-up on pins 10-11 is as follows:
1.
AP side: write 80h in register at address 00h
2.
AP side: write 01h in register at address 05h (disable the pull-up on pins 10 and 11 of ISM330DLC)
3.
AP side: write 00h in register at address 00h
10
OCS
Leave unconnected
Leave unconnected
Auxiliary SPI 3/4-wire
interface enabled
Default: Input with
pull-up.
(See note below to
disable pull-up)
Default: Input with
pull-up.
(See note below to
disable pull-up)
Input without pull-up
11
SDO
_Aux
Connect to VDDIO or
leave unconnected
Connect to VDDIO or
leave unconnected
Auxiliary SPI 3-wire
interface: leave
unconnected /
Auxiliary SPI 4-wire
interface: serial data
output (SDO_Aux)
Default: Input with
pull-up.
(See note below to
disable pull-up)
Default: Input with
pull-up.
(See note below to
disable pull-up)
Default: Input without
pull-up.
Pull-up is enabled if
bit SIM_OIS = 1
(Aux_SPI 3-wire) in
reg 70h.
12
CS
I2C/SPI mode
selection
(1:SPI idle mode /
I2C communication
enabled;
0: SPI communication
mode / I2C disabled)
I2C/SPI mode
selection (1:SPI idle
mode / I2C
communication
enabled; 0: SPI
communication mode
/ I2C disabled)
I2C/SPI mode
selection (
1:SPI idle mode /
I2C communication
enabled;
0: SPI communication
mode / I2C disabled)
Default: Input with
pull-up.
Pull-up is disabled if
bit I2C_disable = 1 in
reg 13h.
Default: Input with
pull-up.
Pull-up is disabled if
bit I2C_disable = 1 in
reg 13h.
Default: Input with
pull-up.
Pull-up is disabled if
bit I2C_disable = 1 in
reg 13h.
13
SCL
I2C serial clock (SCL)
/ SPI serial port clock
(SPC)
I2C serial clock (SCL)
/ SPI serial port clock
(SPC)
I2C serial clock (SCL)
/ SPI serial port clock
(SPC)
Input without pull-up
Input without pull-up
Input without pull-up
14
SDA
I2C serial data (SDA) /
SPI serial data input
(SDI) / 3-wire interface
serial data output
(SDO)
I2C serial data (SDA) /
SPI serial data input
(SDI) / 3-wire interface
serial data output
(SDO)
I2C serial data (SDA) /
SPI serial data input
(SDI) / 3-wire interface
serial data output
(SDO)
Input without pull-up
Input without pull-up
Input without pull-up
Table 19. Internal pin status (continued)
pin#
Name
Mode 1 function
Mode 2 function
Mode 3 / Mode 4
function
Pin status Mode 1
Pin status Mode 2
Pin status Mode 3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com