Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 56 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 52Page - STMicroelectronics ISM330DLC Datasheet HTML 53Page - STMicroelectronics ISM330DLC Datasheet HTML 54Page - STMicroelectronics ISM330DLC Datasheet HTML 55Page - STMicroelectronics ISM330DLC Datasheet HTML 56Page - STMicroelectronics ISM330DLC Datasheet HTML 57Page - STMicroelectronics ISM330DLC Datasheet HTML 58Page - STMicroelectronics ISM330DLC Datasheet HTML 59Page - STMicroelectronics ISM330DLC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
Register mapping
ISM330DLC
56/116
DocID030686 Rev 2
OUT_MAG_RAW_X_L
r
66
01100110
output
External
magnetometer raw
data output registers
OUT_MAG_RAW_X_H
r
67
01100111
output
OUT_MAG_RAW_Y_L
r
68
01101000
output
OUT_MAG_RAW_Y_H
r
69
01101001
output
OUT_MAG_RAW_Z_L
r
6A
01101010
output
OUT_MAG_RAW_Z_H
r
6B
01101011
output
RESERVED
-
6C-6E
-
Reserved
INT_OIS
r/w
6F
01101111
00000000
CTRL1_OIS
r/w
70
01110000
00000000
Control registers for
OIS connection
CTRL2_OIS
r/w
71
01110001
00000000
CTRL3_OIS
r/w
72
01110010
00000000
X_OFS_USR
r/w
73
01110011
00000000
Accelerometer
user offset correction
Y_OFS_USR
r/w
74
01110100
00000000
Z_OFS_USR
r/w
75
01110101
00000000
RESERVED
-
76-7F
-
Reserved
1. This register status is read using the primary interface for general-purpose interface data.
2. This register status is read using the auxiliary SPI for OIS data.
Table 20. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com