Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 97 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 93Page - STMicroelectronics ISM330DLC Datasheet HTML 94Page - STMicroelectronics ISM330DLC Datasheet HTML 95Page - STMicroelectronics ISM330DLC Datasheet HTML 96Page - STMicroelectronics ISM330DLC Datasheet HTML 97Page - STMicroelectronics ISM330DLC Datasheet HTML 98Page - STMicroelectronics ISM330DLC Datasheet HTML 99Page - STMicroelectronics ISM330DLC Datasheet HTML 100Page - STMicroelectronics ISM330DLC Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
DocID030686 Rev 2
97/116
ISM330DLC
Register description
116
DEN mode selection can be done using the LVL1_OIS bit of register CTRL1_OIS (70h) and
the LVL2_OIS bit of register INT_OIS (6Fh).
DEN mode on the OIS path is active in the gyroscope only.
10.88
CTRL2_OIS (71h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this
register (r/w).
Sampling data with frequency equal or higher to 3.3 kHz is recommended.
If data is down-sampled @ 1 kHz, it is recommended to use a cutoff @ 173 Hz.
If data is down-sampled @ 2 kHz, it is recommended to use a cutoff @ 237 Hz.
Table 213. DEN mode selection
LVL1_OIS, LVL2_OIS
DEN mode
10
Level-sensitive trigger mode is selected
11
Level-sensitive latched mode is selected
Table 214. CTRL2_OIS register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
HPM1_
OIS
HPM0_
OIS
0(1)
FTYPE_1_
OIS
FTYPE_0_
OIS
HP_EN_
OIS
Table 215. CTRL2_OIS register description
HPM[1:0]_OIS
Gyroscope's OIS chain digital high-pass filter cutoff selection. Default value: 00
(00: 16 mHz;
01: 65 mHz;
10: 260 mHz;
11: 1.04 Hz)
FTYPE_[1:0]_OIS
Gyroscope's digital LPF1 filter bandwidth selection
Table 216 shows cutoff and phase values obtained with all configurations
HP_EN_OIS
Enables gyroscope's OIS chain HPF. This filter is available on the OIS chain
only if HP_EN_G in CTRL7_G (16h) is set to '0'(1).
1. HP_EN_OIS is active to select HPF on the auxiliary SPI chain only if HPF is not already used in the
primary interface.
Table 216. Gyroscope OIS chain LPF1 bandwidth selection
FTYPE_[1:0]_OIS
ODR = 6.6 kHz
BW
Phase delay @ 20 Hz
00
351 Hz
7°
01
237 Hz
9°
10
173 Hz
11°
11
937 Hz
5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com