Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 19 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 15Page - STMicroelectronics ISM330DLC Datasheet HTML 16Page - STMicroelectronics ISM330DLC Datasheet HTML 17Page - STMicroelectronics ISM330DLC Datasheet HTML 18Page - STMicroelectronics ISM330DLC Datasheet HTML 19Page - STMicroelectronics ISM330DLC Datasheet HTML 20Page - STMicroelectronics ISM330DLC Datasheet HTML 21Page - STMicroelectronics ISM330DLC Datasheet HTML 22Page - STMicroelectronics ISM330DLC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
DocID030686 Rev 2
19/116
ISM330DLC
Pin description
116
Table 2. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
Mode 3 / Mode 4 function
1
SDO/SA0
SPI 4-wire interface serial
data output (SDO)
I2C least significant bit of the
device address (SA0)
SPI 4-wire interface serial data
output (SDO)
I2C least significant bit of the
device address (SA0)
SPI 4-wire interface serial
data output (SDO)
I2C least significant bit of the
device address (SA0)
2
SDx
Connect to VDDIO or GND
I2C serial data master (MSDA)
Auxiliary SPI 3/4-wire
interface serial data input
(SDI) and SPI 3-wire serial
data output (SDO)
3
SCx
Connect to VDDIO or GND
I2C serial clock master (MSCL)
Auxiliary SPI (3/4-wire)
interface serial port clock
(SPC_Aux)
4
INT1
Programmable interrupt 1
5
VDDIO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD(1)
Power supply
9
INT2
Programmable interrupt 2
(INT2) / Data enable (DEN)
Programmable interrupt 2
(INT2)/ Data enable (DEN)/
I2C master external
synchronization signal (MDRDY)
Programmable interrupt 2
(INT2)/ Data enable (DEN)
10
OCS_Aux Leave unconnected(2)
Leave unconnected(2)
Auxiliary SPI 3/4-wire
interface enable
11
SDO_Aux
Connect to VDD_IO or leave
unconnected(2)
Connect to VDD_IO or leave
unconnected(2)
Auxiliary SPI 3-wire interface:
leave unconnected(2)
Auxiliary SPI 4-wire interface:
serial data output (SDO_Aux)
12
CS
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled; 0:
SPI communication mode /
I2C disabled)
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled;
0: SPI communication mode /
I2C disabled)
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled;
0: SPI communication mode /
I2C disabled)
13
SCL
I2C serial clock (SCL)
SPI serial port clock (SPC)
I2C serial clock (SCL)
SPI serial port clock (SPC)
I2C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
1. Recommended 100 nF filter capacitor.
2. Leave pin electrically unconnected and soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com