Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 11Page - STMicroelectronics ISM330DLC Datasheet HTML 12Page - STMicroelectronics ISM330DLC Datasheet HTML 13Page - STMicroelectronics ISM330DLC Datasheet HTML 14Page - STMicroelectronics ISM330DLC Datasheet HTML 15Page - STMicroelectronics ISM330DLC Datasheet HTML 16Page - STMicroelectronics ISM330DLC Datasheet HTML 17Page - STMicroelectronics ISM330DLC Datasheet HTML 18Page - STMicroelectronics ISM330DLC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
DocID030686 Rev 2
15/116
ISM330DLC
Overview
116
1
Overview
The ISM330DLC is a system-in-package featuring a high-performance 3D digital
accelerometer and 3D digital gyroscope tailored for Industry 4.0 applications.
The ISM330DLC has a full-scale acceleration range of ±2/±4/±8/±16 g, an angular rate
range of ±125/±250/±500/±1000/±2000 dps and is capable of delivering highly accurate and
reliable measurements at an ultra-low power consumption (0.75 mA in high-performance,
combo mode).
The ISM330DLC embeds smart features which simplify and optimize the application design
and allows the usage of complex motion-sensing information also in power-constrained
applications
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, click and
double-click sensing, activity or inactivity, and wakeup events.
Up to 4 kbyte of FIFO with dynamic allocation of significant data (i.e. external sensors,
timestamp, etc.) allows overall power saving of the system and protects against any loss of
data.
With the sensor hub feature, data from up to 4 external sensors can be collected and stored
in the internal FIFO without intervention of the application microcontroller.
Moreover, the ISM330DLC offers specific support, both for the gyroscope and the
accelerometer, to applications requiring closed control loop. The device, through a
dedicated auxiliary SPI interface and a configurable signal processing path having low
latency and low noise, can provide data for the control loop while, at the same time, a
second fully independent path can output data for other application intents.
Like the entire portfolio of MEMS sensor modules, the ISM330DLC leverages the robust
and mature in-house manufacturing processes already used for the production of
micromachined accelerometers and gyroscopes. The various sensing elements are
manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the sensing element.
In the ISM330DLC, the sensing element of the accelerometer and of the gyroscope are
implemented on the same silicon die, thus guaranteeing superior stability and robustness.
The ISM330DLC is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x
0.83 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com