Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 27 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 23Page - STMicroelectronics ISM330DLC Datasheet HTML 24Page - STMicroelectronics ISM330DLC Datasheet HTML 25Page - STMicroelectronics ISM330DLC Datasheet HTML 26Page - STMicroelectronics ISM330DLC Datasheet HTML 27Page - STMicroelectronics ISM330DLC Datasheet HTML 28Page - STMicroelectronics ISM330DLC Datasheet HTML 29Page - STMicroelectronics ISM330DLC Datasheet HTML 30Page - STMicroelectronics ISM330DLC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
DocID030686 Rev 2
27/116
ISM330DLC
Module specifications
116
4.4.2.2 I2C master
When in I2C Master Mode, an external sensor can be connected to the ISM330DLC. The
ISM330DLC supports I2C Master - Fast Mode only.
Table 8. I2C master timing values
Symbol
Parameter
I2C
Master
I2C
Fast Mode
(min)
Unit
f(SCL)
SCL clock frequency
116.3
0
(400 kHz max)
kHz
tw(SCLL)
SCL clock low time
5.86
1.3
μs
tw(SCLH)
SCL clock high time
2.74
0.6
ns
Data valid time
3.9
-
μs
SDA hold time
≥00
ns
SDA setup time
≥100
100
ns
tsu(SR)
Repeated START condition setup time
1.56
0.6
μs
tsu(HD)
Repeated START condition hold time
1.56
0.6
μs
tsu(SP)
STOP condition setup time
2.73
0.6
μs
tw(SP:SR) Bus free time between STOP and START condition
21
1.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com