Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 58 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 54Page - STMicroelectronics ISM330DLC Datasheet HTML 55Page - STMicroelectronics ISM330DLC Datasheet HTML 56Page - STMicroelectronics ISM330DLC Datasheet HTML 57Page - STMicroelectronics ISM330DLC Datasheet HTML 58Page - STMicroelectronics ISM330DLC Datasheet HTML 59Page - STMicroelectronics ISM330DLC Datasheet HTML 60Page - STMicroelectronics ISM330DLC Datasheet HTML 61Page - STMicroelectronics ISM330DLC Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
Register description
ISM330DLC
58/116
DocID030686 Rev 2
10.3
SENSOR_SYNC_RES_RATIO (05h)
Sensor synchronization resolution ratio (r/w)
Table 26. SENSOR_SYNC_RES_RATIO register description
10.4
FIFO_CTRL1 (06h)
FIFO control register (r/w).
Table 28. FIFO_CTRL1 register description
10.5
FIFO_CTRL2 (07h)
FIFO control register (r/w).
Table 30. FIFO_CTRL2 register description
Table 25. SENSOR_SYNC_RES_RATIO register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
RR_1
RR_0
RR_[1:0]
Resolution ratio of error code for sensor synchronization:
00: SensorSync, Res_Ratio = 2-11
01: SensorSync, Res_Ratio = 2-12
10: SensorSync, Res_Ratio = 2-13
11: SensorSync, Res_Ratio = 2-14
Table 27. FIFO_CTRL1 register
FTH_7
FTH_6
FTH_5
FTH_4
FTH_3
FTH_2
FTH_1
FTH_0
FTH_[7:0]
FIFO threshold level setting(1). Default value: 0000 0000.
Watermark flag rises when the number of bytes written to FIFO after the next write is
greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1 LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[10:8] in FIFO_CTRL2 (07h).
Table 29. FIFO_CTRL2 register
0(1)
0(1)
0(1)
1. This bit must be set to ‘0’ for the (1) operation of the device.
0(1)
FIFO_
TEMP_EN
FTH10
FTH_9
FTH_8
FIFO_TEMP_EN
Enable the temperature data storage in FIFO. Default: 0.
(0: temperature not included in FIFO; 1: temperature included in FIFO)
FTH_[10:8]
FIFO threshold level setting(1). Default value: 0000
Watermark flag rises when the number of bytes written to FIFO after the next
write is greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[7:0] in FIFO_CTRL1 (06h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com