Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 96 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 92Page - STMicroelectronics ISM330DLC Datasheet HTML 93Page - STMicroelectronics ISM330DLC Datasheet HTML 94Page - STMicroelectronics ISM330DLC Datasheet HTML 95Page - STMicroelectronics ISM330DLC Datasheet HTML 96Page - STMicroelectronics ISM330DLC Datasheet HTML 97Page - STMicroelectronics ISM330DLC Datasheet HTML 98Page - STMicroelectronics ISM330DLC Datasheet HTML 99Page - STMicroelectronics ISM330DLC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Register description
ISM330DLC
96/116
DocID030686 Rev 2
10.86
INT_OIS (6Fh)
OIS interrupt configuration register. Primary interface for read-only (r); only Aux SPI can
write to this register (r/w).
10.87
CTRL1_OIS (70h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this
register (r/w).
Table 209. INT_OIS register
INT2_DRDY
_OIS
LVL2_
OIS
-
-
--
-
-
Table 210. INT_OIS register description
INT2_DRDY_OIS
Enables the OIS chain DRDY on the INT2 pad. This setting has priority over all
other INT2 settings.
LVL2_OIS
Enables level-sensitive latched mode on the OIS chain. Default value: 0
Table 211. CTRL1_OIS register
BLE_
OIS
LVL1_
OIS
SIM_
OIS
MODE4_
EN
FS1_G_
OIS
FS0_G_
OIS
FS_125_
OIS
OIS_EN_
SPI2
Table 212. CTRL1_OIS register description
BLE_OIS
Big/Little Endian data selection. Default value: 0
(0: output LSbyte at lower register address;
1: output LSbyte at higher register address)
LVL1_OIS
Enables level-sensitive trigger mode on OIS chain. Default value: 0
SIM_OIS
SPI2 3- or 4-wire mode. Default value: 0
(0: 4-wire SPI2; 1: 3-wire SPI2)
MODE4_EN
Enables accelerometer OIS chain if OIS_EN_SPI2 = 1. Default value: 0
(0: disable; 1: enable)
FS[1:0]_
G_OIS
Gyroscope OIS chain full-scale selection.
(00: ±250 dps;
01: ±500 dps;
10: ±1000 dps;
11: ±2000 dps)
FS_125
_OIS
Selects gyroscope OIS chain full scale ±125 dps
(0: FS selected through bits FS[1:0]_G_OIS; 1 = ±125 dps)
OIS_EN_
SPI2
Enables OIS chain data processing for gyro in Mode 3 and Mode 4 (mode4_en = 1)
and accelerometer data in and Mode 4 (mode4_en = 1).
When the OIS chain is enabled, the OIS outputs are available through the SPI2 in
registers OUTX_L_G (22h) through OUTZ_H_G (27h) and
STATUS_REG/STATUS_SPIAux (1Eh), and LPF1 is dedicated to this chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com