Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 98 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 94Page - STMicroelectronics ISM330DLC Datasheet HTML 95Page - STMicroelectronics ISM330DLC Datasheet HTML 96Page - STMicroelectronics ISM330DLC Datasheet HTML 97Page - STMicroelectronics ISM330DLC Datasheet HTML 98Page - STMicroelectronics ISM330DLC Datasheet HTML 99Page - STMicroelectronics ISM330DLC Datasheet HTML 100Page - STMicroelectronics ISM330DLC Datasheet HTML 101Page - STMicroelectronics ISM330DLC Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
Register description
ISM330DLC
98/116
DocID030686 Rev 2
10.89
CTRL3_OIS (72h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this
register (r/w).
Table 217. CTRL3_OIS register
DEN_L
H_OIS
FS1_XL
_OIS
FS0_XL_
OIS
FILTER_XL_
CONF_OIS_1
FILTER_XL_C
ONF_OIS_0
ST1_OIS ST0_OIS
ST_OIS_
CLAMPDIS
Table 218. CTRL3_OIS register description
DEN_LH_OIS
Polarity of DEN signal on OIS chain
(0: DEN pin is active-low;
1: DEN pin is active-high)
FS[1:0]_XL_OIS
Accelerometer OIS channel full-scale selection. Default value: 00
(00: ±2 g;
01: ±16 g;
10: ±4 g;
11: ±8 g)
These two bits act only when the accelerometer GP chain is in
power-down, otherwise the accelerometer FS value is selected
only from the GP side (but it is readable also from the OIS side).
FILTER_XL_CONF_OIS [1:0]
Accelerometer OIS channel bandwidth selection (see Table 219)
ST[1:0]_OIS
Gyroscope OIS chain self-test selection
Table 220 lists the output variation when the self-test is enabled
and ST_OIS_CLAMPDIS = '1'. Default value: 00
(00: Normal mode;
01: Positive sign self-test;
10: Normal mode;
11: Negative sign self-test)
ST_OIS_CLAMPDIS
Gyro OIS chain clamp disable
(0: All gyro OIS chain outputs = 8000h during self-test applied from
primary interface;
1: OIS chain self-test outputs as shown in Table 220 if self-test
applied from primary or auxiliary interfaces)
Table 219. Accelerometer OIS channel bandwidth selection
FILTER_XL_
CONF_OIS [1:0]
ODR_GP = 0
ODR GP ≥ 1600 Hz
ODR GP ≤ 800 Hz
BW
Phase delay(1)
1. Phase delay @ 20 Hz
BW
Phase delay(1)
00
140 Hz
9.39°
128 Hz
11.5°
01
68.2 Hz
17.6°
66.5 Hz
19.7°
10
636 Hz
2.96°
329 Hz
5.08°
11
295 Hz
5.12°
222 Hz
7.23°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com