Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 94 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 90Page - STMicroelectronics ISM330DLC Datasheet HTML 91Page - STMicroelectronics ISM330DLC Datasheet HTML 92Page - STMicroelectronics ISM330DLC Datasheet HTML 93Page - STMicroelectronics ISM330DLC Datasheet HTML 94Page - STMicroelectronics ISM330DLC Datasheet HTML 95Page - STMicroelectronics ISM330DLC Datasheet HTML 96Page - STMicroelectronics ISM330DLC Datasheet HTML 97Page - STMicroelectronics ISM330DLC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
Register description
ISM330DLC
94/116
DocID030686 Rev 2
10.78
MASTER_CMD_CODE (60h)
10.79
SENS_SYNC_SPI_ERROR_CODE (61h)
10.80
OUT_MAG_RAW_X_L (66h)
External magnetometer raw data (r).
10.81
OUT_MAG_RAW_X_H (67h)
External magnetometer raw data (r).
Table 193. MASTER_CMD_CODE register
MASTER_
CMD_
CODE7
MASTER_
CMD_
CODE6
MASTER_
CMD_
CODE5
MASTER_
CMD_
CODE4
MASTER_
CMD_
CODE3
MASTER_
CMD_
CODE2
MASTER_
CMD_
CODE1
MASTER_
CMD_
CODE0
Table 194. MASTER_CMD_CODE register description
MASTER_CMD_
CODE[7:0]
Master command code used for stamping for sensor sync. Default value: 0
Table 195. SENS_SYNC_SPI_ERROR_CODE register
ERROR_
CODE7
ERROR_
CODE6
ERROR_
CODE5
ERROR_
CODE4
ERROR_
CODE3
ERROR_
CODE2
ERROR_
CODE1
ERROR_
CODE0
Table 196. SENS_SYNC_SPI_ERROR_CODE register description
ERROR_CODE[7:0]
Error code used for sensor synchronization. Default value: 0
Table 197. OUT_MAG_RAW_X_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 198. OUT_MAG_RAW_X_L register description
D[7:0]
X-axis external magnetometer value (LSbyte)
Table 199. OUT_MAG_RAW_X_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 200. OUT_MAG_RAW_X_H register description
D[15:8]
X-axis external magnetometer value (MSbyte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com