Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 52 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 48Page - STMicroelectronics ISM330DLC Datasheet HTML 49Page - STMicroelectronics ISM330DLC Datasheet HTML 50Page - STMicroelectronics ISM330DLC Datasheet HTML 51Page - STMicroelectronics ISM330DLC Datasheet HTML 52Page - STMicroelectronics ISM330DLC Datasheet HTML 53Page - STMicroelectronics ISM330DLC Datasheet HTML 54Page - STMicroelectronics ISM330DLC Datasheet HTML 55Page - STMicroelectronics ISM330DLC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
Auxiliary SPI configurations
ISM330DLC
52/116
DocID030686 Rev 2
8.2
Accelerometer filtering
Accelerometer filtering is available only when Mode 4 is enabled.
Figure 22. Accelerometer chain (available only in Mode 4)
Accelerometer output values are in registers OUTX_L_XL (28h) through OUTZ_H_XL (2Dh)
and ODR at 6.66 kHz.
8.2.1
Accelerometer full scale set from primary interface
If the SPI/I2C primary interface is used, the full-scale setting has been configured by the
primary interface and CTRL3_OIS (72h) must be set to the same full-scale setting of the
primary interface.
8.2.2
Accelerometer full scale set from auxiliary SPI
If the configuration uses only the auxiliary SPI, the full scale can be set using the
FS[1:0]_XL_OIS bits in CTRL3_OIS (72h). The configuration of the low-pass filter depends
on the setting of the FILTER_XL_CONF_OIS[1:0] bits in register CTRL3_OIS (72h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com