Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 51 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 47Page - STMicroelectronics ISM330DLC Datasheet HTML 48Page - STMicroelectronics ISM330DLC Datasheet HTML 49Page - STMicroelectronics ISM330DLC Datasheet HTML 50Page - STMicroelectronics ISM330DLC Datasheet HTML 51Page - STMicroelectronics ISM330DLC Datasheet HTML 52Page - STMicroelectronics ISM330DLC Datasheet HTML 53Page - STMicroelectronics ISM330DLC Datasheet HTML 54Page - STMicroelectronics ISM330DLC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
DocID030686 Rev 2
51/116
ISM330DLC
Auxiliary SPI configurations
116
8
Auxiliary SPI configurations
When the ISM330DLC is configured in Mode 3 and Mode 4, the auxiliary SPI can be
connected to an auxiliary host (OIS). In this interface, the SPI can write only to the dedicated
registers INT_OIS (6Fh), CTRL1_OIS (70h), CTRL2_OIS (71h), CTRL3_OIS (72h).
8.1
Gyroscope filtering
The gyroscope filtering chain is illustrated in the following figure.
Figure 21. Gyroscope chain
Note:
HP_EN_OIS is active to select HPF on the auxiliary SPI chain only if HPF is not already
used in the primary interface.
The auxiliary interface needs to be enabled in CTRL1_OIS (70h).
Gyroscope output values are in registers 22h to 27h with selected full scale (FS[1:0]_G_OIS
bit in CTRL1_OIS (70h)) and ODR at 6.66 kHz.
LPF1 configuration depends on the setting of the FTYPE_[1;0] _OIS bit in register
CTRL2_OIS (71h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com