Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 80 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 76Page - STMicroelectronics ISM330DLC Datasheet HTML 77Page - STMicroelectronics ISM330DLC Datasheet HTML 78Page - STMicroelectronics ISM330DLC Datasheet HTML 79Page - STMicroelectronics ISM330DLC Datasheet HTML 80Page - STMicroelectronics ISM330DLC Datasheet HTML 81Page - STMicroelectronics ISM330DLC Datasheet HTML 82Page - STMicroelectronics ISM330DLC Datasheet HTML 83Page - STMicroelectronics ISM330DLC Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
Register description
ISM330DLC
80/116
DocID030686 Rev 2
10.41
SENSORHUB1_REG (2Eh)
First byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.42
SENSORHUB2_REG (2Fh)
Second byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operations configurations (for external sensors from
x = 0 to x = 3).
10.43
SENSORHUB3_REG (30h)
Third byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operations configurations (for external sensors from x = 0
to x = 3).
Table 117. SENSORHUB1_REG register
SHub1_7
SHub1_6
SHub1_5
SHub1_4
SHub1_3
SHub1_2
SHub1_1
SHub1_0
Table 118. SENSORHUB1_REG register description
SHub1_[7:0]
First byte associated to external sensors
Table 119. SENSORHUB2_REG register
SHub2_7
SHub2_6
SHub2_5
SHub2_4
SHub2_3
SHub2_2
SHub2_1
SHub2_0
Table 120. SENSORHUB2_REG register description
SHub2_[7:0] Second byte associated to external sensors
Table 121. SENSORHUB3_REG register
SHub3_7
SHub3_6
SHub3_5
SHub3_4
SHub3_3
SHub3_2
SHub3_1
SHub3_0
Table 122. SENSORHUB3_REG register description
SHub3_[7:0]
Third byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com