Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 95 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 91Page - STMicroelectronics ISM330DLC Datasheet HTML 92Page - STMicroelectronics ISM330DLC Datasheet HTML 93Page - STMicroelectronics ISM330DLC Datasheet HTML 94Page - STMicroelectronics ISM330DLC Datasheet HTML 95Page - STMicroelectronics ISM330DLC Datasheet HTML 96Page - STMicroelectronics ISM330DLC Datasheet HTML 97Page - STMicroelectronics ISM330DLC Datasheet HTML 98Page - STMicroelectronics ISM330DLC Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
DocID030686 Rev 2
95/116
ISM330DLC
Register description
116
10.82
OUT_MAG_RAW_Y_L (68h)
External magnetometer raw data (r).
10.83
OUT_MAG_RAW_Y_H (69h)
External magnetometer raw data (r).
10.84
OUT_MAG_RAW_Z_L (6Ah)
External magnetometer raw data (r).
10.85
OUT_MAG_RAW_Z_H (6Bh)
External magnetometer raw data (r).
Table 201. OUT_MAG_RAW_Y_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 202. OUT_MAG_RAW_Y_L register description
D[7:0]
Y-axis external magnetometer value (LSbyte)
Table 203. OUT_MAG_RAW_Y_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 204. OUT_MAG_RAW_Y_H register description
D[15:8]
Y-axis external magnetometer value (MSbyte)
Table 205. OUT_MAG_RAW_Z_L register
D7
D6
D5
D4
D3
D2
D1
D0
Table 206. OUT_MAG_RAW_Z_L register description
D[7:0]
Z-axis external magnetometer value (LSbyte)
Table 207. OUT_MAG_RAW_Z_H register
D15
D14
D13
D12
D11
D10
D9
D8
Table 208. OUT_MAG_RAW_Z_H register description
D[15:8]
Z-axis external magnetometer value (MSbyte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com