Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 69 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 65Page - STMicroelectronics ISM330DLC Datasheet HTML 66Page - STMicroelectronics ISM330DLC Datasheet HTML 67Page - STMicroelectronics ISM330DLC Datasheet HTML 68Page - STMicroelectronics ISM330DLC Datasheet HTML 69Page - STMicroelectronics ISM330DLC Datasheet HTML 70Page - STMicroelectronics ISM330DLC Datasheet HTML 71Page - STMicroelectronics ISM330DLC Datasheet HTML 72Page - STMicroelectronics ISM330DLC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
DocID030686 Rev 2
69/116
ISM330DLC
Register description
116
10.18
CTRL6_C (15h)
Angular rate sensor control register 6 (r/w).
Table 65. CTRL6_C register
TRIG_EN
LVL1_EN
LVL2_EN
XL_HM_MODE
USR_
OFF_W
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
FTYPE_1 FTYPE_0
Table 66. CTRL6_C register description
TRIG_EN
DEN data edge-sensitive trigger enable. Refer to Table 67.
LVL1_EN
DEN data level-sensitive trigger enable. Refer to Table 67.
LVL2_EN
DEN level-sensitive latched enable. Refer to Table 67.
XL_HM_MODE
High-performance operating mode disable for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h),
Z_OFS_USR (75h)
0 = 2-10 g/LSB
1 = 2-6 g/LSB
FTYPE[1:0]
Gyroscope low-pass filter (LPF1) bandwidth selection
Table 68 shows the selectable bandwidth values (available if auxiliary SPI is
disabled).
Table 67. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 68. Gyroscope LPF1 bandwidth selection
FTYPE[1:0]
ODR = 800 Hz
ODR = 1.6 kHz
ODR = 3.3 kHz
ODR = 6.6 kHz
BW
Phase
delay(1)
1. Phase delay @ 20 Hz
BW
Phase
delay(1)
BW
Phase
delay(1)
BW
Phase
delay(1)
00
245 Hz
14°
315 Hz
10°
343 Hz
8°
351 Hz
7°
01
195 Hz
17°
224 Hz
12°
234 Hz
10°
237 Hz
9°
10
155 Hz
19°
168 Hz
15°
172 Hz
12°
173 Hz
11°
11
293 Hz
13°
505 Hz
8°
925 Hz
6°
937 Hz
5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com