Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330DLC Datasheet(PDF) 20 Page - STMicroelectronics

Part # ISM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 16Page - STMicroelectronics ISM330DLC Datasheet HTML 17Page - STMicroelectronics ISM330DLC Datasheet HTML 18Page - STMicroelectronics ISM330DLC Datasheet HTML 19Page - STMicroelectronics ISM330DLC Datasheet HTML 20Page - STMicroelectronics ISM330DLC Datasheet HTML 21Page - STMicroelectronics ISM330DLC Datasheet HTML 22Page - STMicroelectronics ISM330DLC Datasheet HTML 23Page - STMicroelectronics ISM330DLC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Module specifications
ISM330DLC
20/116
DocID030686 Rev 2
4
Module specifications
4.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
LA_FS
Linear acceleration measurement
range
±2
g
±4
±8
±16
G_FS
Angular rate
measurement range
±125
dps
±250
±500
±1000
±2000
LA_So
Linear acceleration sensitivity(3)
FS = ±2
-3%
0.061
+3%
mg/LSB
FS = ±4
0.122
FS = ±8
0.244
FS = ±16
0.488
G_So
Angular rate sensitivity(3)
FS = ±125
-3%
4.375
+3%
mdps/LSB
FS = ±250
8.75
FS = ±500
17.50
FS = ±1000
35
FS = ±2000
70
LA_SoDr
Linear acceleration sensitivity
change vs. temperature(4)
from -40° to +85°
delta from T= +25°
-0.024
±0.01
+0.024
%/°C
G_SoDr
Angular rate sensitivity change
vs. temperature(4)
from -40° to +85°
delta from T= +25°
-0.048
±0.007
+0.048
%/°C
LA_TyOff
Linear acceleration zero-g level
offset accuracy(5)
-85
±40
+85
mg
G_TyOff Angular rate zero-rate level(5)
±2
dps
LA_OffDr
Linear acceleration zero-g level
change vs. temperature(4)
±0.1
mg/ °C
G_OffDr
Angular rate typical zero-rate
level change vs. temperature(4)
±0.015
dps/°C
LA_NL
Linear acceleration nonlinearity(4)
@FS = ±8 g
Best-fit straight line
±2
%FS
G_NL
Angular rate nonlinearity(4)
@FS =±2000 dps
Best-fit straight line
±0.07
%FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com