Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 49Page - STMicroelectronics L9678P Datasheet HTML 50Page - STMicroelectronics L9678P Datasheet HTML 51Page - STMicroelectronics L9678P Datasheet HTML 52Page - STMicroelectronics L9678P Datasheet HTML 53Page - STMicroelectronics L9678P Datasheet HTML 54Page - STMicroelectronics L9678P Datasheet HTML 55Page - STMicroelectronics L9678P Datasheet HTML 56Page - STMicroelectronics L9678P Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 203 page
background image
DocID029274 Rev 3
53/203
L9678P, L9678P-S
SPI interface
202
5.1.2
System configuration register (SYS_CFG)
Address:
01
Type:
RW
Buffer:
$0100
Reset:
$0002
19
18
17
16
15
14
13
12
11
10
9876543
210
MOSI
-
X
X
-
X
X
MISO
0000
0
0
-
0
0
EN_AUTO_SWITC
H_OFF
00
0
Enable auto switch off ISRC current source and DCS regulator after
measurement completion
0 Auto switch off disabled
1 Auto switch off enabled
DIS_VDD5_ERR
0
0
-
Disable VDD5 OV/UV to generate reset
0 OV/UV generate reset
1 OV/UV don’t generate reset
KEEP_ERBST_ON
0
0
0 ER Boost behaviour during ER state
0 ER Boost is disabled
1 ER Boost stay enabled
HI_LEV_DIAG_TIM
E
0
0
0 Selection of duration of high level squib diagnostics
0 Short time (see high level diag diagram)
1 Long time (see high level diag diagram)
SQMEAS
00
00
00 Sample number in DC sensor, squib measurement and temperature
conversions
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com