Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 85Page - STMicroelectronics L9678P Datasheet HTML 86Page - STMicroelectronics L9678P Datasheet HTML 87Page - STMicroelectronics L9678P Datasheet HTML 88Page - STMicroelectronics L9678P Datasheet HTML 89Page - STMicroelectronics L9678P Datasheet HTML 90Page - STMicroelectronics L9678P Datasheet HTML 91Page - STMicroelectronics L9678P Datasheet HTML 92Page - STMicroelectronics L9678P Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 203 page
background image
DocID029274 Rev 3
89/203
L9678P, L9678P-S
SPI interface
202
5.1.32
Remote sensor configuration register (RSCRx)
Remote sensor configuration register 1 (RSCR1)
Remote sensor configuration register 2 (RSCR2)
Address:
4A (RSCR1)
4B (RSCR2)
Type:
RW
Buffer:
$4A00 (RSCR1)
$4B00 (RSCR2)
Reset:
$0094 (RSCR1)
$0096 (RSCR2)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
XX
XX
X
X
X
X
MISO
0
000
0
00
00
0
0
0
0
SLOWTRACK
0
0
0 Reduce frequency of base current tracking
0 8µs/1µs
1 16µs/2µs
STARTbitsMEAS_
DISABLE
0
0
0 Disable of start bits period measure to decode data bits
0 Period of start bits used to decode following data bits
1 Period of start bits not used to decode following data bits
BLKTxSEL
0
0
0 Current limiting blanking time select for channel x
Updated by SSM_RESET or SPI write
0 Blanking time = 5ms
1 Blanking time = 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com