Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 11Page - STMicroelectronics L9678P Datasheet HTML 12Page - STMicroelectronics L9678P Datasheet HTML 13Page - STMicroelectronics L9678P Datasheet HTML 14Page - STMicroelectronics L9678P Datasheet HTML 15Page - STMicroelectronics L9678P Datasheet HTML 16Page - STMicroelectronics L9678P Datasheet HTML 17Page - STMicroelectronics L9678P Datasheet HTML 18Page - STMicroelectronics L9678P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 203 page
background image
DocID029274 Rev 3
15/203
L9678P, L9678P-S
Absolute and operative maximum ratings
202
23
RSU1/NC
PSI-5 Ch. 1 remote sensor output (only
L9678P-S), NC on L9678P
-1.0
VSUP
V
24
VSUP/NC
Remote sensor power supply (only L9678P-
S, NC(1) on L9678P)
-0.1
VIN
V
25
BVSUP/NC
VSUP external transistor control (only
L9678P-S, NC(1) on L9678P)
-0.1
VIN
V
26
GPOD0
GPO driver 1 drain output pin
-0.1
40
V
27
GPOS0
GPO driver 1 source output pin
-1.0
VIN
V
28
GPOS1
GPO driver 0 source output pin
-1.0
VIN
V
29
GPOD1
GPO driver 0 drain output pin
-0.1
40
V
30
NC
Not connected (1)
--
-
31
ISOK
ISO9141 bus pin
-1.0
40
V
32
GNDSUB1
Substrate ground
-0.1
0.1
V
33
SR3
Squib 3 low-side pin
-0.1
VER
V
34
SF3
Squib 3 high-side pin
-1.0
VER
V
35
SS23
Squib 2 & 3 deployment supply pin
-0.1
40
V
36
SG23
Squib 2 & 3 deployment ground pin
-0.1
0.1
V
37
SF2
Squib 2 high-side pin
-1.0
VER
V
38
SR2
Squib 2 low-side pin
-0.1
VER
V
39
GNDA
Analog ground
-0.1
0.1
V
40
ISORX
ISO9141 receiver pin
-0.1
VDDQ+0.1
 5.5
V
41
ISOTX
ISO9141 transmit pin
-0.1
VDDQ+0.1
 5.5
V
42
FENL
LS driver FET control input
-0.1
VDDQ+0.1
 5.5
V
43
FENH
HS driver FET control input
-0.1
VDDQ+0.1
 5.5
V
44
SAF_CS0
SPI interface safing sensor chip select
-0.1
VDDQ+0.1
 5.5
V
45
SAF_CS1
SPI interface safing sensor chip select
-0.1
VDDQ+0.1
 5.5
V
46
NC
Not connected (1)
--
-
47
WAKEUP
Wake-up control input
-0.1
VIN
V
48
VBATMON
Battery line voltage monitor
-0.1
18
V
49
VSF
Safing regulator supply output
-0.1
27
V
50
VIN
Battery connection
-0.1
35
V
51
VER
Reserve voltage
-0.1
35
V
52
ERBOOST
Energy reserve regulator output
-0.1
35
V
53
ERBSTSW
Boost switching output
-0.1
ERBOOST+1
V
54
NC
Not connected (1)
--
-
55
BSTGND
Boost regulator ground
-0.1
0.1
V
56
ACL
EOL disposal control input
--0.1
40
V
57
BVDD5
VDD5 external transistor control
-0.1
VIN
V
Table 3. Operative maximum ratings (continued)
Pin #
Pin name
Pin function
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com