Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics L9678P Datasheet HTML 38Page - STMicroelectronics L9678P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 203 page
background image
DocID029274 Rev 3
35/203
L9678P, L9678P-S
Start-up power control
202
An active low pin output (RESET pin) is driven from the L9678P to allow resetting of external
devices such as the microcontroller, sensors, and other ICs within the ECU.
Three internal reset signals are generated by the device:
POR
Power On Reset - This reset is asserted when a failure is detected in the internal
supplies or bandgap circuits. When active, all other resets are asserted.
WSM_RESET
Watchdog State Machine Reset - This reset is generated when the POR is active.
SSM_RESET
System State Machine Reset - This reset is asserted when the POR or the
WSM_RESET are active, or when a failure is detected in either Watchdog state
machine.
The RESET pin is the active-low signal driven on the output pin, and is an inverted form of
SSM_RESET. The cause of a RESET activation is latched and reported into the Fault Status
Register FLTSR and cleared on SPI reading.
The reset logic shall be controlled as shown in the diagram below:
Figure 19. Reset control diagram
GND_ERR is a general fault signal with the purpose of driving the device into POR when
either GNDA or GNDD is shifted more than 300 mV nominal with respect to the reference
ground pins GNDSUB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com