Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 61Page - STMicroelectronics L9678P Datasheet HTML 62Page - STMicroelectronics L9678P Datasheet HTML 63Page - STMicroelectronics L9678P Datasheet HTML 64Page - STMicroelectronics L9678P Datasheet HTML 65Page - STMicroelectronics L9678P Datasheet HTML 66Page - STMicroelectronics L9678P Datasheet HTML 67Page - STMicroelectronics L9678P Datasheet HTML 68Page - STMicroelectronics L9678P Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 203 page
background image
DocID029274 Rev 3
65/203
L9678P, L9678P-S
SPI interface
202
5.1.10
Deployment current monitor status registers (DCMTSxy)
Channels 0, 1 (DCMTS01)
Channels 2, 3 (DCMTS23)
Address:
1F (DCMTS01))
20 (DCMTS23)
Type:
R
Buffer:
$1F00 (DCMTS01)
$2000 (DCMTS23)
Reset:
-
0 Correct Time/Current combination selected
1 Incorrect Time/Current combination selected (default time/current is set)
DCRxERR
0
0
0 Deployment configuration register err
0 Deploy configuration change accepted and stored in memory
1 Deploy configuration change rejected because deploy is in progress
(or DEP_EXPIRE_TIME changed when in DEP_ENABLED state)
DEP_CHx_ExpTimer
[5:0]
0000
00
0000
00
0000
00
Channel x Deployment Expiration Timer value 8ms/count
Updated according to Deployment Driver Control Logic
(Cleared on SSM_RESET OR when Exp Timer times out OR when
SPI_DEPREQx is received while in DEP_ENABLED state AND in ARMING
or SAFING states)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
0
0
0
Current_Mon_Timer_y[7:0]
Current_Mon_Timer_x[7:0]
Current_Mon_Time
r_y[7:0]
$00 $00 $00 Channel y current monitor timer value corresponding to SPI command
DCMTSxy.
Set to default (cleared) on SSM_RESET or when a new deployment starts on
channel y. Increments each 16µs while deployment current exceeds monitor
threshold on channel y
Current_Mon_Time
r_x[7:0]
$00 $00 $00 Channel x current monitor timer value corresponding to SPI command
DCMTSxy.
Set to default (cleared) on SSM_RESET or when a new deployment starts on
channel x. Increments each 16µs while deployment current on channel x
exceeds monitor threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com