Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 10Page - STMicroelectronics L9678P Datasheet HTML 11Page - STMicroelectronics L9678P Datasheet HTML 12Page - STMicroelectronics L9678P Datasheet HTML 13Page - STMicroelectronics L9678P Datasheet HTML 14Page - STMicroelectronics L9678P Datasheet HTML 15Page - STMicroelectronics L9678P Datasheet HTML 16Page - STMicroelectronics L9678P Datasheet HTML 17Page - STMicroelectronics L9678P Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 203 page
background image
Absolute and operative maximum ratings
L9678P, L9678P-S
14/203
DocID029274 Rev 3
2.2
Operative maximum ratings
Within the operative ratings the part operates as specified and without parameter
deviations. Once taken beyond the operative ratings and returned back within, the part will
recover with no damage or degradation.
Additional supply-voltage and temperature conditions are given separately at the beginning
of each specification table.
61
COVRACT
External crossover switch control
-0.3
VDDQ+0.3
6.5
V
62
VDDQ
I/O supply
-0.3
6.5
V
63
ARM
Arming Output
-0.3
VDDQ+0.3
6.5
V
64
GNDSUB2
Substrate ground
-0.3
0.3
V
1.
Not connected internally, should be connected to GND externally.
Table 2. Absolute maximum ratings (continued)
Pin #
Pin name
Pin function
Min.
Max.
Unit
Table 3. Operative maximum ratings
Pin #
Pin name
Pin function
Min.
Max.
Unit
1
RESET
Reset output
-0.1
VDDQ+0.1
5.5
V
2
SPI_MISO
SPI interface data out / Safing sensor data in
-0.1
VDDQ+0.1
5.5
V
3
SPI_MOSI
SPI interface data in
-0.1
VDDQ+0.1
5.5
V
4
SPI_SCK
SPI interface clock
-0.1
VDDQ+0.1
5.5
V
5
SPI_CS
SPI interface chip select
-0.1
VDDQ+0.1
5.5
V
6
WDT/TM
Watchdog disable
-0.1
20
V
7
VDD3V3
3.3V regulator output
-0.1
3.6
V
8
NC
Not connected(1)
--
-
9
CVDD
Internal 3.3V regulator output
-0.1
3.6
V
10
GNDD
Digital ground
-0.1
0.1
V
11
SR0
Squib 0 low-side pin
-0.1
VER
V
12
SF0
Squib 0 high-side pin
-1.0
VER
V
13
SG01
Squib 0 & 1 deployment ground pin
-0.1
0.1
V
14
SS01
Squib 0 & 1 deployment supply pin
-0.1
40
V
15
SF1
Squib 1 high-side pin
-1.0
VER
V
16
SR1
Squib 1 low-side pin
-0.1
VER
V
17
DCS3
Sensor switch interface channel 3
-1.0
VDCS_L
V
18
DCS2
Sensor switch interface channel 2
-1.0
VDCS_L
V
19
DCS1
Sensor switch interface channel 1
-1.0
VDCS_L
V
20
DCS0
Sensor switch interface channel 0
-1.0
VDCS_L
V
21
VRESDIAG
Reserve voltage diagnostic input
-0.1
35
V
22
RSU0/NC
PSI-5 Ch. 0 remote sensor output (only
L9678P-S), NC on L9678P
-1.0
VSUP
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com