Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 50Page - STMicroelectronics L9678P Datasheet HTML 51Page - STMicroelectronics L9678P Datasheet HTML 52Page - STMicroelectronics L9678P Datasheet HTML 53Page - STMicroelectronics L9678P Datasheet HTML 54Page - STMicroelectronics L9678P Datasheet HTML 55Page - STMicroelectronics L9678P Datasheet HTML 56Page - STMicroelectronics L9678P Datasheet HTML 57Page - STMicroelectronics L9678P Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 203 page
background image
SPI interface
L9678P, L9678P-S
54/203
DocID029274 Rev 3
0 8 samples
1 16 samples
10 4 samples
11 1 sample
VMEAS
00
00
00 Sample number in any other voltage measurement conversions
Updated by SSM_RESET or SPI write
Updated by SSM_RESET or SPI write
0 4 samples
1 16 samples
10 8 samples
11 1 sample
SAFESEL
1
1
1 Safing engine mode select
Updated by SSM_RESET or SPI write
0 Internal safing engine
1 external safing engine
VSF_V
0
0
0 VSF voltage select
Updated by SSM_RESET or SPI write
0 20V
1 25V
WD1_TOVR
0
0
-
Override of initial 500ms time-out of WD1 state machine
Set and cleared per Watchdog Timer Flow Diagram
0 time-out is active
1 time-out is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com