Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 1 Page - STMicroelectronics

  L9678P Datasheet HTML 1Page - STMicroelectronics L9678P Datasheet HTML 2Page - STMicroelectronics L9678P Datasheet HTML 3Page - STMicroelectronics L9678P Datasheet HTML 4Page - STMicroelectronics L9678P Datasheet HTML 5Page - STMicroelectronics L9678P Datasheet HTML 6Page - STMicroelectronics L9678P Datasheet HTML 7Page - STMicroelectronics L9678P Datasheet HTML 8Page - STMicroelectronics L9678P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 203 page
background image
This is information on a product in full production.
October 2016
DocID029274 Rev 3
1/203
L9678P
L9678P-S
Automotive user configurable airbag IC
Datasheet
- production data
Features
 AEC-Q100 qualified
 Energy reserve voltage power supply
– High frequency boost regulator, 1.882 MHz
– Output voltage user selectable, 23 V or
33 V ±5%
 User configurable linear power supplies
– 5.0 V and 7.2 V ±4% output voltages
– External pass transistor
 Fully integrated 3.3 V ±4% linear regulator
 Battery voltage monitor and shutdown control
with wake-up control
 System voltage diagnostics with integrated
ADC
 Crossover switch
– Crossover performance, max 3 Ω, 600 mA
max.
 Squib deployment drivers
– 4 channel HSD/LSD
– 25 V maximum deployment voltage
– 1.2 A @ 2 ms and 1.75 A @ 0.5/0.7 ms
deployment profiles
– Integrated safing FET linear regulator,
20 V/25 V nominal
– Current monitoring
– Rmeasure, STB, STG and leakage
diagnostics
– High and low side driver FET tests
–Safing FET test
 User customizable safing logic
 Two channel PSI-5 remote sensor interface
(asynchronous mode), [only for L9678P-S
version]
 Four channel hall-effect, resistive or switch
sensor interface
 ISO9141 transceiver
 Dual channel configurable high-side/low-side
LED driver
 Watchdog timer
 Two integrated oscillators: 7.5/16 MHz
 Temperature sensor
 32 bit SPI communications
 Minimum operating voltage = 6 V
 Operating temperature, -40 °C to 95 °C
 Packaging - 64 pin
LQFP64 (10x10x1.4mm)
Table 1. Device summary
Order code
Package
Packing
Remote sensor interface
L9678P
LQFP64 (10 x 10 x 1.4 mm)
Tray
No
L9678PTR
Tape & Reel
No
L9678P-S
LQFP64 (10 x 10 x 1.4 mm)
Tray
Yes
L9678PTR-S
Tape & Reel
Yes
www.st.com


Similar Part No. - L9678P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
3Mb / 215P
Automotive user configurable airbag and battery cut-off IC
09-Jul-2025
L9678P-S STMICROELECTRONICS-L9678P-S Datasheet
3Mb / 215P
Automotive user configurable airbag and battery cut-off IC
09-Jul-2025
L9678PTR STMICROELECTRONICS-L9678PTR Datasheet
3Mb / 215P
Automotive user configurable airbag and battery cut-off IC
09-Jul-2025
L9678PTR-S STMICROELECTRONICS-L9678PTR-S Datasheet
3Mb / 215P
Automotive user configurable airbag and battery cut-off IC
09-Jul-2025
L9678P STMICROELECTRONICS-L9678P_V01 Datasheet
3Mb / 215P
Automotive user configurable airbag and battery cut-off IC
09-Jul-2025
More results

Similar Description - L9678P

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS674-01 ICST-ICS674-01 Datasheet
51Kb / 6P
User Configurable Divider
Revision 033199
logo
Infineon Technologies A...
TLE7719 INFINEON-TLE7719 Datasheet
22Kb / 1P
Airbag Satellite Receive IC (SatRIC)
V1.0, 2002-12-02
logo
Integrated Circuit Syst...
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
STMicroelectronics
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
USER CONFIGURABLE DIVIDER
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
Automotive battery cut-off circuit and airbag system expansion IC
08-Jul-2021
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
USER CONFIGURABLE DIVIDER
REV H 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com