Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics L9678P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 203 page
background image
DocID029274 Rev 3
33/203
L9678P, L9678P-S
Start-up power control
202
4.3.6
VSUP linear regulator (optional)
The VSUP linear regulator can be used to provide 7 V derived directly from battery line with
an external power transistor. This voltage rail can be used mainly to supply PSI-5 remote
sensor interface. The stability of the regulation loop is guaranteed by use of a small external
capacitor. Current limitation is provided by means of controlling output current on BVSUP
pin. The external pass transistor gives the flexibility to easily address different current loads.
The VSUP regulator is enabled in the ACTIVE mode and continues operation in the
PASSIVE mode using power from energy reserve. In the case of L9678P (no remote sensor
interfaces), VSUP can be externally connected to ground.
Figure 16. VSUP control behavior
4.3.7
VSF linear regulator
The fully integrated VSF linear regulator provides a 20V voltage nominal (configurable to
25V via SPI command) derived directly from ERBOOST. This voltage rail is used in case an
external n-ch safing FET has to be used. The stability of the regulation loop is guaranteed
by use of a small external capacitor. Current limitation is implemented. A minimum drop-out
of 2V between ERBOOST and VSF is needed. VSF is enabled by the assertion of any
ARMxINT signal, or by the assertion of (FENH and not (FENL)), as shown in Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com