Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 12Page - STMicroelectronics L9678P Datasheet HTML 13Page - STMicroelectronics L9678P Datasheet HTML 14Page - STMicroelectronics L9678P Datasheet HTML 15Page - STMicroelectronics L9678P Datasheet HTML 16Page - STMicroelectronics L9678P Datasheet HTML 17Page - STMicroelectronics L9678P Datasheet HTML 18Page - STMicroelectronics L9678P Datasheet HTML 19Page - STMicroelectronics L9678P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 203 page
background image
Absolute and operative maximum ratings
L9678P, L9678P-S
16/203
DocID029274 Rev 3
2.3
Pin-out description
The L9678P-S/L9678P pin-out is shown below. The package is a LQFP 64-pin full plastic
package.
Figure 1. Pin-out description
58
NC
Not connected (1)
--
-
59
VDD5
5V regulator output
-0.1
5.5
V
60
NC
Not connected (1)
--
-
61
COVRACT
External crossover switch control
-0.1
VDDQ+0.1
 5.5
V
62
VDDQ
I/O supply
-0.1
5.5
V
63
ARM
Arming Output
-0.1
VDDQ+0.1
 5.5
V
64
GNDSUB2
Substrate ground
-0.1
0.1
V
1.
Not connected internally, should be connected to GND externally.
Table 3. Operative maximum ratings (continued)
Pin #
Pin name
Pin function
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com