Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 75Page - STMicroelectronics L9678P Datasheet HTML 76Page - STMicroelectronics L9678P Datasheet HTML 77Page - STMicroelectronics L9678P Datasheet HTML 78Page - STMicroelectronics L9678P Datasheet HTML 79Page - STMicroelectronics L9678P Datasheet HTML 80Page - STMicroelectronics L9678P Datasheet HTML 81Page - STMicroelectronics L9678P Datasheet HTML 82Page - STMicroelectronics L9678P Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 203 page
background image
DocID029274 Rev 3
79/203
L9678P, L9678P-S
SPI interface
202
5.1.25
Loops diagnostic configuration command register for high level
diagnostic (LPDIAGREQ)
Address:
38
Type:
RW
Buffer:
$3800
Reset:
$0070
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
XX
X
X
X
X
X
MISO
0
000
00
0
0
0
0
0
DIAG_LEVEL 0
0
0 Diagnostic mode selector
0 0 N/A - see description above
1 1 high level mode
HIGH_LEVEL_DIAG
_SEL
000 000 000
Selection of high level squib diagnostic
Updated by SSM_RESET or SPI write
000 No diagnostic selected
001 VRCM CHECK
010 Leakage CHECK
011 Short Between Loops CHECK
100 Unused
101 Squib resistance range CHECK
110 Squib resistance measurement
111 FET test
SQP 0
0
0 Squib pin select for all leakage diagnostic
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com