Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 62Page - STMicroelectronics L9678P Datasheet HTML 63Page - STMicroelectronics L9678P Datasheet HTML 64Page - STMicroelectronics L9678P Datasheet HTML 65Page - STMicroelectronics L9678P Datasheet HTML 66Page - STMicroelectronics L9678P Datasheet HTML 67Page - STMicroelectronics L9678P Datasheet HTML 68Page - STMicroelectronics L9678P Datasheet HTML 69Page - STMicroelectronics L9678P Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 203 page
background image
SPI interface
L9678P, L9678P-S
66/203
DocID029274 Rev 3
5.1.11
Deploy enable register (SPIDEPEN)
Address:
25
Type:
RW
Buffer:
$2500
Reset:
$004A
5.1.12
Squib ground loss register (LP_GNDLOSS)
Address:
26
Type:
R
Buffer:
$2600
Reset:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
DEPEN_WR[15:0
MISO
0
0
0
0
DEPEN_STATE[15:0]
DEPEN_WR[15:0] N/A N/A N/A Non-latched encoded value for LOCK / UNLOCK command
$0FF0 LOCK - enter DEP_DISABLED state
$F00F UNLOCK - enter DEP_ENABLED state
DEPEN_STATE[15:
0]
$0FF0$0FF0$0FF0
Deploy Enabled State
Updated according to Global SPI Deployment Enable State Diagram
$0FF0 In DEP_DISABLED state
$F00F In DEP_ENABLED state
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
0
0
0
00
0
0
0
0
0
0
00
0
0
GNDLOSSx
0
0
0 Loop x Squib Ground loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com