Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 51Page - STMicroelectronics L9678P Datasheet HTML 52Page - STMicroelectronics L9678P Datasheet HTML 53Page - STMicroelectronics L9678P Datasheet HTML 54Page - STMicroelectronics L9678P Datasheet HTML 55Page - STMicroelectronics L9678P Datasheet HTML 56Page - STMicroelectronics L9678P Datasheet HTML 57Page - STMicroelectronics L9678P Datasheet HTML 58Page - STMicroelectronics L9678P Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 203 page
background image
DocID029274 Rev 3
55/203
L9678P, L9678P-S
SPI interface
202
5.1.3
System control register (SYS_CTL)
Address:
02
Type:
RW
Buffer:
$0200
Reset:
$0004
19
18
17
16
15
14
13
12
11
10
9876543
210
MOSI
-
XXX
X
XXXX
MISO
0000
-
0
0
0
0
000
VIN_TH_SEL
0
0
0 VIN comparators threshold selector
0 5.5V
1 7.5V
VBATMON_TH_SEL
00
00
00 VBATMON comparators threshold selector
00 6V
01 6.8V
10 8V
11 8.8V
ER_BST_V
0
0
0 ER Boost voltage select
Updated by SSM_RESET or SPI write
0 set 23V boost
1 set 33V boost
ER_CUR_EN
0
0
0 ER charge / discharge control
Updated by SSM_RESET or SPI write
0 ER current source OFF request
1 ER current source ON request
ER_BST_EN
1
1
1 Boost enable
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com