Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 25Page - STMicroelectronics L9678P Datasheet HTML 26Page - STMicroelectronics L9678P Datasheet HTML 27Page - STMicroelectronics L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 203 page
background image
DocID029274 Rev 3
29/203
L9678P, L9678P-S
Start-up power control
202
Normal run time power for the system is provided directly from the battery input, not from the
boost. Boost energy is available to the system through the energy reserve crossover switch
once battery is lost or a commanded system shutdown is initiated. By default, the ERBoost
regulator is switched off once enetered in passive mode. To keep active the ERBoost also in
passive mode the SPI bit SYS_CFG(KEEP_ERBST_ON) must be set to 1.
Figure 11. ERBOOST control behaviour
4.3.2
Energy reserve capacitor charging circuit
The energy reserve capacitor connected to VER pin can be charged in an efficient way by
means of a current generator. Its capability is 30 mA nominal, so that for example a 2.2 mF
capacitor can be charged in approximately 2 s to 24 V. The current generator is activated or
deactivated by SPI command only while in ACTIVE mode. When not in ACTIVE mode, the
generator is always switched off in order to decouple ERBOOST node voltage from VER
reserve voltage.
Figure 12. ER cap charging circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com