Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 88Page - STMicroelectronics L9678P Datasheet HTML 89Page - STMicroelectronics L9678P Datasheet HTML 90Page - STMicroelectronics L9678P Datasheet HTML 91Page - STMicroelectronics L9678P Datasheet HTML 92Page - STMicroelectronics L9678P Datasheet HTML 93Page - STMicroelectronics L9678P Datasheet HTML 94Page - STMicroelectronics L9678P Datasheet HTML 95Page - STMicroelectronics L9678P Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 203 page
background image
SPI interface
L9678P, L9678P-S
92/203
DocID029274 Rev 3
Bit 15 = 1 FAULTED condition
Address:
50 (RSDR0)
51 (RSDR1)
Type:
R
Buffer:
$5000 (RSDR0)
$5100 (RSDR1)
Reset:
-
Updated based on SPI read request
0000 RSU0
0100 RSU1
DATA[9:0] $000 $000 $000 10-bit data from Manchester decoder
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL
updated when a valid PSI5 frame is received
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
X
0X
X
CRC[2:0] 000 000 000 CRC based on bits [16:0]
Updated based on bits [16:0]
FLT 1
1
1 Fault Status - Depending on Fault Status, the DATA bits are defined differently
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, NODATA
Set when any of the following bits are '1': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, NODATA
0 No fault
1 Fault
On/Off 0
0
0 Channel On/Off Status
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL or when the STG bit is set or the RSTEMP bit is set
Set when channel is commanded ON by SPI RSCTRL
0 Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com