Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 28Page - STMicroelectronics L9678P Datasheet HTML 29Page - STMicroelectronics L9678P Datasheet HTML 30Page - STMicroelectronics L9678P Datasheet HTML 31Page - STMicroelectronics L9678P Datasheet HTML 32Page - STMicroelectronics L9678P Datasheet HTML 33Page - STMicroelectronics L9678P Datasheet HTML 34Page - STMicroelectronics L9678P Datasheet HTML 35Page - STMicroelectronics L9678P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 203 page
background image
Start-up power control
L9678P, L9678P-S
32/203
DocID029274 Rev 3
4.3.5
VDD3V3 linear regulator
The fully integrated VDD3V3 linear regulator provides 3.3 V system voltage derived directly
from VDD5. This voltage rail is used in case a 3.3 V micro-controller is adopted. The stability
of the regulation loop is guaranteed by use of a small external capacitor. Current limitation is
implemented and its maximum current capability on VDD3V3 is 125 mA. The VDD3V3
regulator is enabled in the ACTIVE mode and continues operation in the PASSIVE mode
using power from energy reserve. VDD3V3 supply is monitored for system reset (see Power
On Reset and Reset in Section 4.4); voltage monitoring is based on a second redundant
bandgap voltage reference.
Note that if the VDDQ pin (digital outputs supply) is connected to the VDD3V3, and any of
the digital output pins are connected to 5 V logic, there is no internal blocking diode to
prevent back-feeding this 3.3 V supply.
Figure 15. VDD3V3 control behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com