Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 149 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 145Page - STMicroelectronics L9678P Datasheet HTML 146Page - STMicroelectronics L9678P Datasheet HTML 147Page - STMicroelectronics L9678P Datasheet HTML 148Page - STMicroelectronics L9678P Datasheet HTML 149Page - STMicroelectronics L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 203 page
background image
DocID029274 Rev 3
149/203
L9678P, L9678P-S
Safing logic
202
By way of the assignment of the ADD_VAL, SUB_VAL, ARMP_TH and ARMN_TH settings,
the safing engine can be configured to assert arming for either a simple accumulation of
COUNTs in a non-consecutive manner, or it could be set to require some number of
consecutive samples.
10.5
Safing engine output logic (ARMxINT)
SPI messages are monitored and mapped to specific safing records. Each safing record is
configured with its own threshold, dwell time and the appropriate ARMxINT internal signal to
activate if safing criteria are met.
Any enabled safing record can be programmed to an arming signal. All safing records
arming status is logically "OR'd" to its programmed arming signal. For example, if safing
records 1, 2, 4 are programmed to ARMINT1 and the records are enabled, any of the
records can set the ARMINT1 signal. Configuration of safing record mapping to ARMxINT
signals is specified in the SAF_CONTROL_x register (refer to Safing control registers
(SAF_CONTROL_x) on page 106).
While in Diag state, L9678P allows diagnostics of the squib driver HS and LS FETs, ARM
pin, VSF output and firing timers. The ARM and VSF output tests are mutually exclusive.
For safety purposes, the safing logic circuitry is physically separated from the circuitry that
contains the deployment logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com