Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 132Page - STMicroelectronics L9680 Datasheet HTML 133Page - STMicroelectronics L9680 Datasheet HTML 134Page - STMicroelectronics L9680 Datasheet HTML 135Page - STMicroelectronics L9680 Datasheet HTML 136Page - STMicroelectronics L9680 Datasheet HTML 137Page - STMicroelectronics L9680 Datasheet HTML 138Page - STMicroelectronics L9680 Datasheet HTML 139Page - STMicroelectronics L9680 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 277 page
background image
SPI interfaces
L9680
136/277
DocID029257 Rev 1
B7 (SAF_RESP_MASK_16_pt1
B8 (SAF_RESP_MASK_16_pt2
Type:
RW
Read:
Read:
A600 (SAF_RESP_MASK_1)
A700 (SAF_RESP_MASK_2
A800 (SAF_RESP_MASK_3
A900 (SAF_RESP_MASK_4
AA00 (SAF_RESP_MASK_5
AB00 (SAF_RESP_MASK_6
AC00 (SAF_RESP_MASK_7
AD00 (SAF_RESP_MASK_8
AE00 (SAF_RESP_MASK_9
AF00 (SAF_RESP_MASK_10
B000 (SAF_RESP_MASK_11
B100 (SAF_RESP_MASK_12
B200 (SAF_RESP_MASK_13)
B300 (SAF_RESP_MASK_14_pt1)
B400 (SAF_RESP_MASK_14_pt2)
B500 (SAF_RESP_MASK_15_pt1)
B600 (SAF_RESP_MASK_15_pt2)
B700 (SAF_RESP_MASK_16_pt1
B801 (SAF_RESP_MASK_16_pt1
Write:
804C (SAF_RESP_MASK_1)
804E (SAF_RESP_MASK_2
8050 (SAF_RESP_MASK_3
8052 (SAF_RESP_MASK_4
8054 (SAF_RESP_MASK_5
8056 (SAF_RESP_MASK_6
8058 (SAF_RESP_MASK_7
805A (SAF_RESP_MASK_8
805C (SAF_RESP_MASK_9
805E (SAF_RESP_MASK_10
8060 (SAF_RESP_MASK_11
8062 (SAF_RESP_MASK_12
8064 (SAF_RESP_MASK_13)
8066 (SAF_RESP_MASK_14_pt1)
8068 (SAF_RESP_MASK_14_pt2)
806A (SAF_RESP_MASK_15_pt1)
806C (SAF_RESP_MASK_15_pt2)
806E (SAF_RESP_MASK_16_pt1
8070 (SAF_RESP_MASK_16_pt2
SAF_RESP_MASKx[15:0]
0000 0000 0000 Safing Response Mask for safing record x - 16-bit response mask that is bit-
wise ANDed with MISO data from SPI monitor
16-bit request target that is compared to the bit-wise AND result of the
SAF_REQ_MASKx and MOSI data from SPI
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com