Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 138 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 134Page - STMicroelectronics L9680 Datasheet HTML 135Page - STMicroelectronics L9680 Datasheet HTML 136Page - STMicroelectronics L9680 Datasheet HTML 137Page - STMicroelectronics L9680 Datasheet HTML 138Page - STMicroelectronics L9680 Datasheet HTML 139Page - STMicroelectronics L9680 Datasheet HTML 140Page - STMicroelectronics L9680 Datasheet HTML 141Page - STMicroelectronics L9680 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 277 page
background image
SPI interfaces
L9680
138/277
DocID029257 Rev 1
Type:
RW
Read:
B900 (SAF_RESP_TARGET_1)
BA00 (SAF_RESP_TARGET_2
BB00 (SAF_RESP_TARGET_3
BC00 (SAF_RESP_TARGET_4
BD00 (SAF_RESP_TARGET_5
BE00 (SAF_RESP_TARGET_6
BF00 (SAF_RESP_TARGET_7
C000 (SAF_RESP_TARGET_8
C100 (SAF_RESP_TARGET_9
C200 (SAF_RESP_TARGET_10
C300 (SAF_RESP_TARGET_11
C400 (SAF_RESP_TARGET_12
C500 (SAF_RESP_TARGET_13
C600 (SAF_RESP_TARGET_14_pt1
C700 (SAF_RESP_TARGET_14_pt2
C800 (SAF_RESP_TARGET_15_pt1
C900 (SAF_RESP_TARGET_15_pt2
CA00 (SAF_RESP_TARGET_16_pt1
CB00 (SAF_RESP_TARGET_16_pt2)
Write:
8072 (SAF_RESP_TARGET_1)
8074 (SAF_RESP_TARGET_2
8076 (SAF_RESP_TARGET_3
8078 (SAF_RESP_TARGET_4
807A (SAF_RESP_TARGET_5
807C (SAF_RESP_TARGET_6
807E (SAF_RESP_TARGET_7
8080 (SAF_RESP_TARGET_8
8082 (SAF_RESP_TARGET_9
8084 (SAF_RESP_TARGET_10
8086 (SAF_RESP_TARGET_11
8088 (SAF_RESP_TARGET_12
808A (SAF_RESP_TARGET_13
808C (SAF_RESP_TARGET_14_pt1
808E (SAF_RESP_TARGET_14_pt2
8090 (SAF_RESP_TARGET_15_pt1
8092 (SAF_RESP_TARGET_15_pt2
8094 (SAF_RESP_TARGET_16_pt1
CB00 (SAF_RESP_TARGET_16_pt2)
SAF_RESP_TARGETx[15:0]
0000 0000 0000 Safing Response target for safing record x - 16-bit response target that is
compared to the bit-wise AND result of the SAF_RESP_MASKx and MISO
data from SPI monitor
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com