Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 146 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 142Page - STMicroelectronics L9680 Datasheet HTML 143Page - STMicroelectronics L9680 Datasheet HTML 144Page - STMicroelectronics L9680 Datasheet HTML 145Page - STMicroelectronics L9680 Datasheet HTML 146Page - STMicroelectronics L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics L9680 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 277 page
background image
SPI interfaces
L9680
146/277
DocID029257 Rev 1
7.3.58
Safing record compare complete register (SAF_CC)
ID:
FF
Type:
R
Read:
FF00
Write:
-
0 Safing record x not assigned to ARM1INT
1 Safing record x assigned to ARM1INT
CSx[2:0]
000
000
000 SPI Monitor CS select for safing record x
Updated by SSM_RESET or SPI write while in DIAG state
000 None selected for record x
001 SAF_CS0 selected for record x
010 SAF_CS1 selected for record x
011 SAF_CS2 selected for record x
100 SAF_CS3 selected for record x
101 CS_RS selected for record x
110 None selected for record x
111 None selected for record x
IFx
0
0
0
SPI format select for safing record x - selects response protocol for SPI
monitor
Updated by SSM_RESET or SPI write while in DIAG state
0 Out of frame response for record x
1 In Frame response for record x
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
000
CC_xx
0
0
0 Indicates compare complete status of each of the 16 safing records, and
defines the end of the sample cycle for safing
Cleared by SSM_RESET or upon SPI read, set by safing engine when
request, response mask and target registers match the incoming SPI frame
0 Compare not completed for record x
1 Compare completed for record x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com