Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 146Page - STMicroelectronics L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics L9680 Datasheet HTML 150Page - STMicroelectronics L9680 Datasheet HTML 151Page - STMicroelectronics L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 277 page
background image
SPI interfaces
L9680
150/277
DocID029257 Rev 1
5700 (RSDR7)
5800 (RSDR8)
5900 (RSDR9)
5A00 (RSDR10)
5B00 (RSDR11)
Write:
-
PSI5 configured channel
CRC[2:0]
-
-
-
CRC based on bits [16:0]
Updated based on bits [16:0]
FLT
1
1
1 Fault Status - Depending on Fault Status, the DATA bits are defined differently
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, SLOT_ERROR, NODATA
Set when any of the following bits are '1': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, SLOT_ERROR, NODATA
0 No fault
1 Fault
On/Off
0
0
0 Channel On/Off Status
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL or when the STG bit is set or the RSTEMP bit is set
Set when channel is commanded ON by SPI RSCTRL
0 Off
1 On
LCID[3:0]
-
-
-
Logical Channel ID
Updated based on SPI read request
0000 RSU0 SLOT1
0001 RSU0 SLOT2
0010 RSU0 SLOT3
0100 RSU1 SLOT1
0101 RSU1 SLOT2
0110 RSU1 SLOT3
1000 RSU2 SLOT1
1001 RSU2 SLOT2
1010 RSU2 SLOT3
1100 RSU3 SLOT1
1010 RSU3 SLOT2
1110 RSU3 SLOT3
DATA[9:0]
$000 $000 $000 10-bit data from Manchester decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com