Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 151 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics L9680 Datasheet HTML 150Page - STMicroelectronics L9680 Datasheet HTML 151Page - STMicroelectronics L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 277 page
background image
DocID029257 Rev 1
151/277
L9680
SPI interfaces
276
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL
updated when a valid PSI5 frame is received
Wheel speed configured channel (RSDR0, RSDR1, RSDR2, RSDR3)
CRC[2:0]
-
-
-
CRC based on bits [16:0]
Updated based on bits [16:0]
STDSTL
0
0
0 Standstill indication (valid only for VDA sensor or PWM 2 edges)
1 Standstill
0 Valid Sensor Signal
FLT
1
1
1 Fault Status - Depending on Fault Status, the DATA bits are defined differently
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, PULSE OVERFLOW ERROR, NODATA
Set when any of the following bits are '1': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, PULSE OVERFLOW ERROR, NODATA
0 No Fault
1 Fault
Latch_D0
0
0
0 Logical Channel ID
0 no prior bit0 faults
1 prior message(s) contained bit0 fault
LCID[1:0]
Logical Channel ID
00 RSU0
01 RSU1
10 RSU2
11 RSU3
DATA[11:0] $000 $000 $000 12-bit data from wheel speed decoder
VDA Data Format
DATA [7:0] Counter bits
DATA [11:8] Counter bits
PWM Data Format
DATA [8:0] Pulse Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com