Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 154 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 150Page - STMicroelectronics L9680 Datasheet HTML 151Page - STMicroelectronics L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 277 page
background image
SPI interfaces
L9680
154/277
DocID029257 Rev 1
STG
0
0
0 Short to Ground (in current limit condition)
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL
0 No fault
1 Fault
STB
0
0
0 Short to Battery
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL - not cleared by channel OFF caused by STG or RSTEMP
Set when channel voltage exceeds VSUP for a time greater than TSTBTH
0 No fault
1 Fault
CURRENT_HI
0
0
0 Current High
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL
Set when channel current exceeds ILKGG for a time determined by an
up/down counter
0 No fault
1 Fault
OPENDET
0
0
0 Open Sensor Detected
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL
Set when channel current exceeds ILKGB for a time determined by an
up/down counter
0 No fault
1 Fault
RSTEMP
0
0
0 Over temperature detected
Cleared by SSM_RESET or when channel is commanded OFF via SPI
RSCTRL
Set when over-temp condition is detected
0 No fault
1 Fault
INVALID
0
0
0 Invalid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com