Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 156 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 277 page
background image
SPI interfaces
L9680
156/277
DocID029257 Rev 1
7.6.3
Remote sensor x current registers y (RSTHRx_y)
Remote sensor 0, base current and delta to calculate 1st top current (RSTHR0_L)
Remote sensor 1, base current and delta to calculate 1st top current (RSTHR1_L
Remote sensor 2, base current and delta to calculate 1st top current (RSTHR2_L
Remote sensor 3, base current and delta to calculate 1st top current (RSTHR3_L
Remote sensor 0 (only for WSS), delta to calculate 2nd top current (RSTHR0_H)
Remote sensor 1 (only for WSS), delta to calculate 2nd top current (RSTHR1_H
Remote sensor 2 (only for WSS), delta to calculate 2nd top current (RSTHR2_H
Remote sensor 3 (only for WSS), delta to calculate 2nd top current (RSTHR3_H
ID:
5C (RSTHR0_L)
5D (RSTHR1_L)
5E (RSTHR2_L)
5F (RSTHR3_L)
60 (RSTHR0_H)
61 (RSTHR1_H)
62 (RSTHR2_H)
63 (RSTHR3_H
Type:
R
Read:
5C00 (RSTHR0_L)
5D00 (RSTHR1_L)
5E00 (RSTHR2_L)
5F00 (RSTHR3_L)
6000 (RSTHR0_H)
6100 (RSTHR1_H)
6200 (RSTHR2_H)
6300 (RSTHR3_H
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO_RS
DELTA 1ST TOP [9:0]
BASE CURRENT [9:0]
MISO_RS
0
0
0
0
0
0
0
0
0
0
DELTA 2ND TOP [9:0]
BASE CURRENT [9:0]
$A1 $A1 $A1
PSI5/WSS base current measured by internal converter (93.75 μA ±9% each
LSB).
DELTA 1ST TOP
[19:10]
$103 $103 $103 PSI5/WSS delta measured by internal converter respect to base current
(93.75 μA ±9% each LSB) to get top current.
Low threshold = base current+(DELTA_1ST_TOP/2) in case of WSS or PSI5
without current averaged algorithm (bit 4 of RSRCx register equal to 0).
Low threshold = base current+(DELTA_1ST_TOP) in case of PSI5 with
current averaged algorithm (bit 4 of RSRCx register equal to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com