Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 159 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics L9680 Datasheet HTML 162Page - STMicroelectronics L9680 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 277 page
background image
DocID029257 Rev 1
159/277
L9680
Deployment drivers
276
8
Deployment drivers
The squib deployment block consists of 12 independent high side drivers and 12
independent low side drivers. Squib deployment logic requires a deploy command received
through SPI communications and either an arming condition processed by safing logic or a
proper ARMx input pin assessment, depending on whether the internal safing engine is
used or not. Both conditions must exist in order for the deployment to occur. Once a
deployment is initiated, it can only be terminated by an SSM_RESET event.
L9680 allows all 12 squib loops to be deployed at the very same time or in other possible
timing sequence. Deployment drivers are capable of granting a successful deployment also
in case of short to ground on low-side circuit (SRx pins). Firing voltage capability across high
side circuit is maximum 25 V. High side and low side drivers account for a maximum series
total resistance of 2
. Each loop is granted for a minimum number of deployments of 50,
under all normal operating conditions and with a deployment repetition time higher than 10s.
Both the High and the Low side FET drivers are equipped with passive gate turn-off
circuitries to guarantee the FETs are kept in off state also when the device is unpowered or
during power-up/down transients.
8.1
Control logic
A block diagram representing the deployment driver logic is shown below. Deployment
driver logic features include:
Deploy command logic
Deployment current selection
Deployment current monitoring and deploy success feedback
Diagnostic control and feedback
Figure 27. Deployment driver control blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com