Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 161 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics L9680 Datasheet HTML 162Page - STMicroelectronics L9680 Datasheet HTML 163Page - STMicroelectronics L9680 Datasheet HTML 164Page - STMicroelectronics L9680 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 277 page
background image
DocID029257 Rev 1
161/277
L9680
Deployment drivers
276
The high level block diagram for the deployment drivers is shown below:
Figure 30. Deployment driver block
8.1.1
Deployment current selection
Deployment current is programmed for all channels using the Deploy Configuration Register
(DCRx) shown in Section 7.3.7.
The deploy time selection allows the device to deploy for a time up to 4.032 ms. Careful
considerations should be done in order to avoid damage on the squib driver section for
excessive thermal heat. In order to prevent device damage, it is suggested to avoid
excessive voltage drop between SSxy and SFxy. In case the 1.75 A deployment current
level is selected, the voltage drop across the pins should be limited to maximum 17 V for
deployment times longer than 0.7 ms and up to 2 ms and 15 V up to 3.2 ms. In case 1.2 A is
selected, the voltage drop should be limited to maximum 22 V for deployment times longer
than 2 ms and up to 3.2 ms.
8.1.2
Deploy command expiration timer
Deploy commands are received for all channels using SPI communications. Once a deploy
command is received, it will remain valid for a specified time period selected in the
Deployment configuration registers (DCR_x). The deploy status and deploy expiration timer
can be read through the Deployment status registers (DSR_x). The deploy expiration timer
is selectable via 2 bits and the maximum programmable time is 500 ms nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com