Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 157 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 277 page
background image
DocID029257 Rev 1
157/277
L9680
SPI interfaces
276
7.6.4
Arming signals register (ARM_STATE)
ID:
6A
Type:
R
Read:
6A00
Write:
-
DELTA 2ND TOP [9:0]
$7 $103 $103 WSS delta measured by internal converter respect to base current (93.75 μA
±9% each LSB) to get second top current.
High threshold = ((base current+DELTA_1ST_TOP)+(base
current+DELTA_2ND_TOP))/2.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
000
0
0
0
0
0
0
00
ARMINT_x
-
-
-
State of ARMINT signals
Updated per Safing Engine output logic diagram in case of internal safing
engine otherwise is the echo of ARMx pins
ACL_VALID
0
0
0 Valid ACL detection
0 Cleared when ACL_BAD=2
1 Set when ACL_GOOD=3
ACL_PIN_STATE
-
-
-
Echo of ACL pin
PSINH_EXP_TIME
0
0
0 State of PSINH expiration timer
0 If timer is 0
1 If timer is counting
PSINHINT
-
-
-
State of PSINHINT signal
Updated per PSINH output logic diagram in case of internal engine otherwise
is the echo of PSINH pin inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com