Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics L9680 Datasheet HTML 150Page - STMicroelectronics L9680 Datasheet HTML 151Page - STMicroelectronics L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 277 page
background image
SPI interfaces
L9680
152/277
DocID029257 Rev 1
7.6.2
Remote sensor data/fault registers w/o fault (RSDRx @ FLT=1)
PSI5/WSS Remote Sensor 0 Data and Fault Flag Register ch 0, slot 1 / ch 0 (RSDR0)
PSI5/WSS Remote Sensor 1 Data and Fault Flag Register ch 1, slot 1 / ch 1 (RSDR1)
PSI5/WSS Remote Sensor 2 Data and Fault Flag Register ch 2, slot 1 / ch 2 (RSDR2)
PSI5/WSS Remote Sensor 3 Data and Fault Flag Register ch 3, slot 1 / ch 3 (RSDR3)
PSI5 configuration register for channel 0, slot 2 (RSDR4)
PSI5 configuration register for channel 1, slot 2 (RSDR5)
PSI5 configuration register for channel 2, slot 2 (RSDR6)
PSI5 configuration register for channel 3, slot 2 (RSDR7)
PSI5 configuration register for channel 0, slot 2 (RSDR8)
PSI5 configuration register for channel 1, slot 2 (RSDR9)
PSI5 configuration register for channel 2, slot 2 (RSDR10)
PSI5 configuration register for channel 3, slot 2 (RSDR11)
Bit 15 = 1 FAULTED condition
ID:
50 (RSDR0)
51 (RSDR1)
52 (RSDR2)
53 (RSDR3)
54 (RSDR4)
55 (RSDR5)
56 (RSDR6)
57 (RSDR7)
58 (RSDR8)
59 (RSDR9)
5A (RSDR10)
5B (RSDR11)
Type:
R
Read:
5000 (RSDR0)
5100 (RSDR1)
5200 (RSDR2)
5300 (RSDR3)
5400 (RSDR4)
5500 (RSDR5)
5600 (RSDR6)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOS_RSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO_RS
(PSI5)
CRC
X
LCID [3:0]
STG STB
XX
MISO_RS
(WSS)
CRC
X
LCID [1:0]
STG STB
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com