Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 183 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics L9680 Datasheet HTML 181Page - STMicroelectronics L9680 Datasheet HTML 182Page - STMicroelectronics L9680 Datasheet HTML 183Page - STMicroelectronics L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 277 page
background image
DocID029257 Rev 1
183/277
L9680
Remote sensor interface
276
Besides, in case of VDA selected, the ASIC is also able to recognize the current value
of the speed pulse by computing a second threshold (named Ith2): Ith2 = IB0 +
Ith1 +
Ith2/2 where Ith2 in the range from 10 mA to 18.6 mA (default is 14 mA)
Fixed current trip points where the thresholds are set via SPI. The default value for first
threshold is 9.8 mA and for second threshold is 19.6 mA
Figure 44. Wheel speed sensor protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com