Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 184 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 180Page - STMicroelectronics L9680 Datasheet HTML 181Page - STMicroelectronics L9680 Datasheet HTML 182Page - STMicroelectronics L9680 Datasheet HTML 183Page - STMicroelectronics L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 277 page
background image
Remote sensor interface
L9680
184/277
DocID029257 Rev 1
9.2.1
Wheel speed data register formats
When programmed as a wheel speed sensor interface, only four data registers are used
(Remote Sensor Data Register RSDR0-RSDR3).
Independent data registers are defined for each wheel speed channel and their contents are
determined by sensor type. Three level VDA sensors have eight data bits and. At fast wheel
speed not all bits may be transmitted by the sensor: the IC is able both to process normal or
either truncated frames by providing together with data, a 4 bit counter to inform the
microcontroller about the number of received valid bits.
For PWM encoded sensors, each pulse length is written to the sensor data register with a
typical resolution of 5 μs per bit. In case of pulse width duration equal or higher than
TSTANDSTILL_TH_L and less or equal than TSTANDSTILL_TH_H2, the standstill condition will be
recognized and bit 15 in the corresponding register will be set.
The register is updated when a PWM falling edge is detected; in case of stuck-at 1 of the
PWM signal the register is updated when the counter reaches the overflow value (0x1FF): in
this case the standstill bit not set and the counter in overflow will signal a fault to the
microcontroller.
9.2.2
Test mode
In order test the input structures of the connected microcontroller, the L9680 features a
wheel speed test mode that allows test patterns to be applied on the four wheel speed
outputs WS0-WS3. The test mode can be entered via SPI and the test patterns can also be
controlled via SPI commands. Test patterns can be composed only of static high or low
signals, which can be selected via SPI. For failsafe reasons only one channel at a time can
be switched into test mode.
9.3
Remote sensor interface fault protection
9.3.1
Short to ground, current limit
Each output is short circuit protected by an independent current limit. Should the output
current level reach or exceed the ILIMTH for a time period greater than TILIMTH or the
remote sensor interface the output stage is disabled. An internal up-down counter will count
in 25 μs increment up to TILIMTH. The filter time is chosen in order to avoid false current
limit detection for in-rush current that may happen at interface switch-on. When the output is
turned off due to current limit, the appropriate fault code STG is set in the Remote Sensor
Data Register (RSDR). The fault timer latch is cleared when the sensor channel is first
disabled and then re-enabled through the Remote Sensor Control Register (RSCTRL). This
fault condition does not interfere neither with the normal operation of the IC, nor with the
operation of the other channels. When a sensor fault is detected, the RSFLT bit of the GSW
is set indicating a fault occurred and can be decoded by addressing the RSDR register.
In order to fulfill the blanking time requirement at channel activation as per PSI-5
specification, a dedicated masking time is applied to the current limitation fault detection
each time a channel is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com