Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 223 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 219Page - STMicroelectronics L9680 Datasheet HTML 220Page - STMicroelectronics L9680 Datasheet HTML 221Page - STMicroelectronics L9680 Datasheet HTML 222Page - STMicroelectronics L9680 Datasheet HTML 223Page - STMicroelectronics L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 277 page
background image
DocID029257 Rev 1
223/277
L9680
Temperature sensor
276
15
Temperature sensor
The L9680 provides an internal analog temperature sensor. The sensor is aimed to have a
reference for the average junction temperature on silicon surface. The sensor is placed far
away from power dissipating stages and squib deployment drivers. The output of the
temperature sensor is available via SPI through ADC conversion, as shown in Table 18. The
formula to calculate temperature from ADC reading is the following one:
T
C

180
220
1.652
---------------


ADCREF
2
ADCRES
------------------------ DIAGCTRLn ADCRESn




0.739
–



–
=
@ DIAGCTRLn(ADCREQn) = 0Ahex
All parametric requirements for this block can be found in specification tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com