Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 225 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 221Page - STMicroelectronics L9680 Datasheet HTML 222Page - STMicroelectronics L9680 Datasheet HTML 223Page - STMicroelectronics L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 277 page
background image
DocID029257 Rev 1
225/277
L9680
Electrical characteristics
276
13b ΔVBGOOD2_VBBAD2
VBATMON delta
thresholds
VBGOOD2_VBBAD2
300
-
600
mV
14
ILKG_VBATMON_OFF
VBATMON input
leakage
Device OFF
-5
-
5
μA
15
ILKG_VBATMON_ON
Device ON
Design Info
20
24
30
μA
16
RPD_VBATMON
VBATMON pull-down
resistance
Device ON
VBATMON < 10V
Design Info
125
250
375
kΩ
17
ILKG_VBATMON_TOT
VBATMON total input
leakage
ILKG_VBATMON_ON + RPD_VBATMO
VBATMON = 18V
35
-
180
μA
18
VINGOOD0
VIN Good and VIN Bad
Thresholds
SYS_CTL(VIN_TH_SEL)=0
5
5.25
5.5
V
19
VINBAD0
SYS_CTL(VIN_TH_SEL)=0
4.5
4.75
5
V
20
VINGOOD1
SYS_CTL(VIN_TH_SEL)=1
6.05
6.3
6.55
V
21
VINBAD1
SYS_CTL(VIN_TH_SEL)=1
5.55
5.8
6.05
V
22
VINFASTSLOPE_H
VIN Thresholds used
to change Boost
regulator transition
time
-
9.3
9.8
10.3
V
23
VINFASTSLOPE_L
-
9
9.5
10
V
24
VINFASTSLOPE_HYS
-
0.2
0.3
0.4
V
25
VINSYNC_DIS_L
VIN SyncBoost Disable
Thresholds
SYS_CTL(SYBST_V) =0
12.2
-
13.6
V
26
VINSYNC_DIS_H
SYS_CTL(SYBST_V) = 1
15
-
16.2
V
27
VIN SYNC_DIS_LYS
VIN SYNC_DIS_HYS
SYS_CTL(SYBST_V) = 0 / 1
Guaranteed by design
5
-
300
mV
28
ILKG_VIN_OFF
VIN input current
Device OFF
VIN = 40V
-10
-
10
μA
29
ILKG_VIN_ON
Device ON
VIN = 12V
-
-
40
mA
30
CVIN
External VIN capacitor Design Info
1
-
13(1)
μF
Table 20. Configuration and control DC specifications (continued)
No
Symbol
Parameter
Conditions
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com