Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB90347CEPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPF Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB90347CEPF Datasheet HTML 27Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 28Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 29Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 30Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 31Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 32Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 33Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 34Page - Cypress Semiconductor MB90347CEPF Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 30 of 92
MB90340E Series
8. I/O Map
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000000H
Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
000001H
Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
000002H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
000003H
Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
000004H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
000005H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
000006H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
000007H
Port 7 Data Register
PDR7
R/W
Port 7
XXXXXXXXB
000008H
Port 8 Data Register
PDR8
R/W
Port 8
XXXXXXXXB
000009H
Port 9 Data Register
PDR9
R/W
Port 9
XXXXXXXXB
00000AH
Port A Data Register
PDRA
R/W
Port A
XXXXXXXXB
00000BH
Port 5 Analog Input Enable Register
ADER5
R/W
Port 5, A/D
11111111B
00000CH
Port 6 Analog Input Enable Register
ADER6
R/W
Port 6, A/D
11111111B
00000DH
Port 7 Analog Input Enable Register
ADER7
R/W
Port 7, A/D
11111111B
00000EH
Input Level Select Register 0
ILSR0
R/W
Ports
XXXXXXXXB
00000FH
Input Level Select Register 1
ILSR1
R/W
Ports
XXXX0XXXB
000010H
Port 0 Direction Register
DDR0
R/W
Port 0
00000000B
000011H
Port 1 Direction Register
DDR1
R/W
Port 1
00000000B
000012H
Port 2 Direction Register
DDR2
R/W
Port 2
00000000B
000013H
Port 3 Direction Register
DDR3
R/W
Port 3
00000000B
000014H
Port 4 Direction Register
DDR4
R/W
Port 4
00000000B
000015H
Port 5 Direction Register
DDR5
R/W
Port 5
00000000B
000016H
Port 6 Direction Register
DDR6
R/W
Port 6
00000000B
000017H
Port 7 Direction Register
DDR7
R/W
Port 7
00000000B
000018H
Port 8 Direction Register
DDR8
R/W
Port 8
00000000B
000019H
Port 9 Direction Register
DDR9
R/W
Port 9
00000000B
00001AH
Port A Direction Register
DDRA
R/W
Port A
00000100B
00001BH
Reserved
00001CH
Port 0 Pull-up Control Register
PUCR0
R/W
Port 0
00000000B
00001DH
Port 1 Pull-up Control Register
PUCR1
R/W
Port 1
00000000B
00001EH
Port 2 Pull-up Control Register
PUCR2
R/W
Port 2
00000000B
00001FH
Port 3 Pull-up Control Register
PUCR3
W, R/W
Port 3
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com